Part Number Hot Search : 
HT67F40 KBJ1004 FDMS3500 HMC451 STS150 TDA6405 MM1ZB15H ANSR2N7
Product Description
Full Text Search
 

To Download B5819W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL Galaxy Electrical
Schottky Barrier Diode
FEATURES
Extremely low VF. Low stored change,majority carrier conduction. Low power loss/high efficient
Production specification
B5817W-B5819W
Pb
Lead-free
APPLICATIONS
For Use In Low Voltage, High Frequency Inverters. Free Wheeling, And Polarity Protection Applications. SOD-123
ORDERING INFORMATION
Type No. B5817W B5818W B5819W Marking SJ SK SL Package Code SOD-123 SOD-123 SOD-123
MAXIMUM RATING @ Ta=25 unless otherwise specified
Parameter Non-Repetitive Peak reverse voltage Peak repetitive Peak reverse voltage Working Peak Reverse voltage DC Reverse Voltage RMS Reverse Voltage Average Rectified output Current Peak forward surge current@=8.3ms Repetitive Peak Forward Current Power Dissipation Thermal Resistance Junction to Ambient Storage temperature symbol VRM VRRM VRWM VR VR(RMS) Io IFSM IFRM Pd RJA TSTG B5817W 20 B5818W 30 B5819W 40 Unit V
20
30
40
V
14 1 25 625 250 500 -65~+150
21
28
V A A mA mW /W
Document number: BL/SSSKA006 Rev.A
www.galaxycn.com 1
BL Galaxy Electrical
Schottky Barrier Diode
Production specification
B5817W-B5819W
ELECTRICAL CHARACTERISTICS @ Ta=25 unless otherwise specified
Parameter Symbol Test Condition IR=1mA Reverse breakdown voltage V(BR) B5817W B5818W B5819W VR=20V VR=30V VR=40V B5817W B5818W B5819W Diode capacitance CD VR=4V,f=1MHz B5817W B5818W B5819W IF=1A IF=3A IF=1A IF=3A IF=1A IF=3A 20 30 40 1 0.45 0.75 0.55 0.875 0.6 0.9 120 pF V V MIN MAX UNIT
Reverse voltage leakage current
IR
mA
Forward voltage
VF
TYPICAL CHARACTERISTICS @ Ta=25 unless otherwise specified
Document number: BL/SSSKA006 Rev.A
www.galaxycn.com 2
BL Galaxy Electrical
Schottky Barrier Diode
Production specification
B5817W-B5819W
Document number: BL/SSSKA006 Rev.A
www.galaxycn.com 3
BL Galaxy Electrical
Schottky Barrier Diode
PACKAGE OUTLINE
Plastic surface mounted package
Production specification
B5817W-B5819W
SOD-123
K B C
SOD-123
Dim A B
A
Min 1.4 2.55
Max 1.8 2.85
D H E J
C D E H J K
1.15 Typical 0.5 0.3 0.02 0.6 0.4 0.10
0.1 Typical 3.55 3.85
All Dimensions in mm
SOLDERING FOOTPRINT
Unit: mm
PACKAGE
Device
INFORMATION
Package SOD-123 Shipping 3000/Tape&Reel
B5817W-B5819W
Document number: BL/SSSKA006 Rev.A
www.galaxycn.com 4


▲Up To Search▲   

 
Price & Availability of B5819W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X